PART |
Description |
Maker |
ST6041B7/XX |
IC MAX 7000 CPLD 32 44-PQFP 8位微控制
|
Advanced Micro Devices, Inc.
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
ST49C101A-07 ST49C101A-09 ST49C101A-01 ST49C101A-0 |
MAX II CPLD 240 LE 100-MBGA MAX II CPLD 2210 LE 256-FBGA MAX II CPLD 570 LE 256-FBGA MAX II CPLD 2210 LE 324-FBGA MAX II CPLD 570 LE 100-FBGA MAX II CPLD 240 LE 100-FBGA 变频
|
ALPS Electric Co., Ltd.
|
EPM706B4 EPM706B4S EPM7192E EPM7160S EPM7192S EPM7 |
IC MAX 7000 CPLD 128 84-PLCC PROGRAMMABLE LOGIC DEVICE FAMILY
|
ALTERA[Altera Corporation]
|
YSS241F |
MAX II CPLD 1270 LE 256-MBGA 消费性IC
|
SIEMENS AG
|
PUMA2S16000M-35 PUMA2S16000M-020 PUMA77S16000M-025 |
30MHZ, 8 LAP, IND TEMP, GREEN(FPGA) 15NS, 100 PQFP, IND TEMP(EPLD) 25NS, 100 PQFP, IND TEMP(EPLD) 20NS, 68 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, IND TEMP(FPGA) 7NS, 100 TQFP, COM TEMP(EPLD) 32 MC CPLD,1.8V ISP CPLD,44 PIN TQFP(EPLD) x32 SRAM Module X32号的SRAM模块
|
Fujitsu, Ltd.
|
PUMA68F64006IB-90 PUMA68F64006AIB-90 PUMA68F64006I |
2NS, 208 PQFP, IND TEMP(FPGA) 30K GATE, 4NS, 132 BQFP, IND TEMP(FPGA) .NS, 144 TQFP, COM TEMP(FPGA) 15K GATE, 2NS, 100 VQFP, COM TEMP(FPGA) 2NS, 208 PQFP, COM TEMP(FPGA) EEPROM 15K GATE, 4NS, 100 VQFP, COM TEMP(FPGA) EEPROM
|
Cirrus Logic, Inc. ON Semiconductor
|
TS971IDT TS971IYD TS971IYDT TS971IYLT TS97107 TS97 |
DUAL OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDSO8 Output rail-to-rail very low noise operational amplifier QUAD OP-AMP, 7000 uV OFFSET-MAX, 12 MHz BAND WIDTH, PDIP14
|
STMicroelectronics
|
XCR3256XL |
XCR3256XL: 256 Macrocell CPLD
|
Xilinx
|
ST24LC21BB1 ST24LW21B1 ST24FC21M1 ST24FW21B1 ST24L |
1 Kbit (x8) Dual Mode Serial EEPROM for VESA PLUG & PLAY IC CONFIG DEVICE 8MBIT 100-PQFP I2C串行EEPROM IC ACEX 1K FPGA 100K 484-FBGA FPGA, FLEX 10K, 10K GATES, TQFP144; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:TQFP; Gates, No. of:10000; I/O lines, No. of:102; Pins, No. of:144; Temp, op. RoHS Compliant: Yes IC CONFIG DEVICE 1.6MBIT 32-TQFP MAX 3000A CPLD 32 MC 44-PLCC
|
SGS Thomson Microelectronics Honeywell International, Inc.
|
BA10358F-E2 |
DUAL OP-AMP, 7000 uV OFFSET-MAX, PDSO8
|
|
|